PART |
Description |
Maker |
VFB1203MP-6W VFA2405MP-6W VFA2412MP-6W VFA2415MP-6 |
DIP PACKAGE DC-DC CONVERTER
|
http:// MORNSUN Science& Technology Ltd.
|
MIW3132 MIW3131 MIW3136 MIW3133 MIW3137 MIW3123 MI |
DC/DC CONVERTER 6W, DIP-24 Plastic Package
|
Minmax Technology Co., Ltd.
|
MIW06-12D12 MIW06-12D15 MIW06-12D05 MIW06-24D05 MI |
DC/DC CONVERTER 6W, DIP-24 Plastic Package
|
Minmax Technology Co., Ltd.
|
VRB1212D-30W VRB2403D-30W VRB2405D-30W VRB2424D-30 |
DIP PACKAGE,SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
DK03D4812A DK03D4815A DK03D4805A DK03D1212A DK03D1 |
2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
|
Delta Electronics, Inc.
|
DS02D4824A DS01D0303A DS01D4824A DS01S0503A DS02D0 |
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
|
Delta Electronics, Inc.
|
DA03D0303A DA01D0503A DI01D0503A DH01D0503A DZ01D0 |
3W DC/DC CONVERTER, DIP-Package 3W DC/DC CONVERTER, DIP-Package
|
Delta Electronics, Inc.
|
MDW1031 MDW100011 MDW1011 MDW1012 MDW1045 MDW1013 |
DC/DC CONVERTER 2W, Small DIP-16 Plastic Package DC/DC CONVERTER 2W, Small DIP-16 Plastic Package
|
Minmax Technology Co., Ltd. Minmax Technology Co., ...
|
AD7810 AD7810YN AD7810YR AD7810YRM |
2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP 2.7 V to 5.5 V 2 us 10-Bit ADC in 8-Lead microSOIC/DIP ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 2.7 V to 5.5 V/ 2 us/ 10-Bit ADC in 8-Lead microSOIC/DIP
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7645AQ AD7645KP AD7545GUD PM7645AR PM7645BR PM76 |
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 12位缓冲Miltiplying的CMOS D / A转换 12-Bit Buffered Miltiplying CMOS D/A Converter 12位缓冲Miltiplying的CMOS D / A转换
|
Analog Devices, Inc. AD[Analog Devices]
|
AM29L516DC AM29L517DC AM29L517AXC AM29L517/BXC AM2 |
Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21593S with Standard Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21592S with Tape Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21592S with Standard Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 0.6us Deadtime in a 8-lead SOIC package and different phase; Similar to IR21531S with Lead Free Packaging Hi-Rel DC-DC Standard Dual Converter in a ATR package; A ATR2815D with Standard Packaging Ballast Control, Programmable Preheat Time and Run Frequency, Programmable Deadtime in a 14-pin DIP package; A IR2156 with Standard Packaging Hi-Rel DC-DC Standard Triple Converter in a ATR package; A ATR2815T with Standard Packaging Hi-Rel DC-DC Rad-Hard Triple Converter in a ART package; A ART2812T with Standard Packaging 600V Ballast Controller IC with Adaptive Zero-Voltage Switching, Internal Crest Factor Over-Current Protection and an Integrated Bootstrap Diode in a 8-Pin SOIC package.; Similar to IR2520DS with Lead Free Packaging Multiplier 乘数
|
Rochester Electronics, LLC
|